Part Number Hot Search : 
GBPC5016 2SA1757 GBPC5016 EPD1024G LTC3444 AP4303 Z2618 CM4420
Product Description
Full Text Search
 

To Download 189MS052N1512K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Conduit and Conduit Systems
Product Series Connector Designator Angular Function S = Straight M = 45 Elbow N = 90 Elbow Basic Number Finish Symbol (Table III) Shell Size (See Table I) Conduit Size (Table II) K = PEEK Tubing See 120-108 (Omit for ETFE, Tefzel, FEP, Teflon, PFA, or PTFE; See 120-100)
A Thread F B DIA .750 (19.1) R Min.
for Series 80 "Mighty Mouse" Fiber Optic Connectors
189 M* 052 Convoluted Tubing Backshell
189 M S 052 NF 12 12 K
A Thread
2.300 (58.4) .850 (21.6) .550 (14.0)
SYM S STRAIGHT
Mates With 120-100
D
E .850 (21.6)
G .850 (21.6) .550 (14.0)
SYMON 90
SYM M 45 O
C
.550 (14.0)
H Dia C
APPLICATION NOTES
1. Material/ Finish: Adapter, Coupling Nut and Ferrule- Al Alloy/ See Table II. O-Ring: Fluorosilicone/ N.A. Detent Spring: Torlon/ N.A. 2. Assembly to be identified with manufacturer's name and P/N, space permitting. 3. Metric dimensions (mm) are indicated in parentheses.
(c) 2006 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com J-12
for Series 80 "Mighty Mouse" Fiber Optic Connectors
189 M* 052 Convoluted Tubing Backshell
TABLE I: SHELL SIZE
Shell Size 12 14 15 A Thread Class 2B .6875-24 UNEF-2A B Max .910 (23.1) C .620 (15.7) .875 (22.2) .875 (22.2) D Max .910 (23.1) 1.020 (25.9) 1.020 (25.9) E Max 1.250 (31.8) 1.370 (34.8) 1.370 (34.8) F Max 1.985 (50.4) 2.115 (53.7) 2.115 (53.7) G Max 2.395 (60.8) 2.465 (62.6) 2.465 (62.6)
.9375-20 UNEF-2A 1.250 (31.8) .9375-20 UNEF-2A 1.250 (31.8)
TABLE II: PEEK CONDUIT SIZE Conduit Size Frac. Size Dash No. 3/8 1/2 5/8 3/4 12 16 20 24 H Max .320 (8.1) .425 (10.8) .550 (14.0) .680 (17.3)
TABLE III: FINISH
SYM NF MATERIAL Aluminum FINISH Cadmium/Olive Drab over Electroless Nickel (500 Hr. Salt Spray) Cadmium Plate/Olive Drab Gold Iridite over Cadmium Plate over Nickel Cadmium Plate/Olive Drab over Nickel Electroless Nickel Cadmium Plate/Bright Dip over Nickel
B J N M T
Aluminum Aluminum Aluminum Aluminum Aluminum
(c) 2006 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com J-13
Conduit and Conduit Systems


▲Up To Search▲   

 
Price & Availability of 189MS052N1512K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X